Part Number Hot Search : 
C705JJ7C ZTX327 HAT2085T JANSR2 DTD114E GP1U273X MEGA32 RY2100
Product Description
Full Text Search
 

To Download 2QSP16-RJ3-221331LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH VE S CO AV R M AI SIO PL LA N IA BL S NT E
Features

Applications

Lead free versions available RoHS compliant (lead free version)* Multiple SCSI termination resistors Stable thin-film-on-silicon technology Ultra-miniature packages to JEDEC standards
Single-ended SCSI termination SCSI host adaptor cards All SCSI bus devices
*R
Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
General Information Package Schematic
16
9
Dual Terminator networks are used to correctly terminate single-ended SCSI bus lines. The standard R1, R2 combination ensures that the high frequency component of a signal transition will see an impedance at the termination equal to the characteristic impedance of the line. Fabricated with Tantalum Nitride on Silicon, these resistors feature excellent stability, TCR and tracking performance. The JEDEC standard miniature packages offer the most space-efficient Dual Terminator resistor array available.
R1 R2
R2
R1
1
Electrical & Environmental Characteristics
8
Electrical Characteristics
Resistance Range Tolerance: Absolute Ratio TCR: Absolute Tracking Operating Voltage
Symbol
R
Minimum
220 1 % 0.5 %
Nominal
Maximum
330 5 % 2 %
Unit
ppm/C ppm/C V V C C Watt Watt Watt Watt Watt Watt
100 25 50 2K -55 -65
Environmental Characteristics
ESD Operating Temperature Storage Temperature Power Rating per Resistor @ 70 C Power Rating per Package @ 70 C: QSOP: 16 Pin 20, 24 Pin 28 Pin NBSOIC: 8 Pin 14, 16 Pin TJ Tstg +125 +150 0.1 0.75 1.00 1.12 0.60 1.00
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX3 Dual Terminator
Mechanical Characteristics QSOP Package Dimensions
A .635 TYP. (.025) 3.81 - 3.99 (.150 - .157)
Narrow-Body SOIC Package Dimensions
A 1.27 TYP. (.050) 3.81 - 3.99 (.150 - .157)
PIN 1
.21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069)
PIN 1
0.36 - 0.46 (.014 - .018)
1.35 - 1.75 (.053 - .069)
.10 - .25 (.004 - .010)
.10 - .25 (.004 - .010)
0-8 0-8 .19 - .25 (.007 - .010) 5.80 - 6.20 (.228 - .244)
.19 - .25 (.007 - .010)
.41 - 1.27 (.016 - .050)
5.80 - 6.20 (.228 - .244)
.41 - 1.27 (.016 - .050)
Model 2QSP16 2QSP20 2QSP24 2QSP28
4.80 8.56 8.56 9.80
-
4.98 8.74 8.74 9.98
A (.189 (.337 (.337 (.386
-
.196) .344) .344) .393)
Model 2NBS08 2NBS14 2NBS16
A 4.80 - 4.98 (.189 - .196) 8.56 - 8.74 (.337 - .344) 9.80 - 9.98 (.386 - .393)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137.
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MS-012.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX3 Dual Terminator
QSOP Package Power Temperature Derating Curve Narrow-Body SOIC Package Power Temperature Derating Curve
1.25 WATTS 1.0 .75 .50 .25 0
2QSP28 2QSP20, 2QSP24 2QSP16
1.0 WATTS .8 .6 .4 .2
2NBS14, 2NBS16 2NBS08
25
125 150 AMBIENT TEMPERATURE ( C )
50
75
100
0
25
50 75 100 125 150 AMBIENT TEMPERATURE ( C )
Schematic
R1 R2
R2 R1
8 PIN 14 PIN 16 PIN 20 PIN 24 PIN 28 PIN
Typical Part Marking
Represents total content. Layout may vary.
PIN COUNT MODEL CIRCUIT PIN 1 INDICATOR (MOLDED INDENT) MANUFACTURER'S TRADEMARK QSP16J 3-221331 YYWW GRADE RESISTANCE CODE DATE CODE
Standard Resistance Values
Resistance (ohms) R1 R2 220 330 Resistance Code 221 331
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX3 Dual Terminator
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
A0
DIMENSIONS = MM (INCHES)
B0
K0
Package QSOP 16 Pin 20, 24 Pin 28 Pin NBSOIC 8 Pin 14 Pin 16 Pin
A0 6.4 (0.252) 6.5 (0.256) 6.5 (0.256) 6.4 (0.252) 6.5 (0.256) 6.5 (0.256)
B0 5.2 (0.205) 9.0 (0.354) 10.3 (0.406) 9.0 (0.354) 9.0 (0.354) 9.0 (0.354)
K0 2.1 (0.083) 2.1 (0.083) 2.1 (0.083) 2.1 (0.083) 2.1 (0.083) 2.1 (0.083)
Width 12 (0.472) 16 (0.630) 16 (0.630) 12 (0.472) 16 (0.630) 16 (0.630)
Pitch 8 (0.315) 8 (0.315) 8 (0.315) 8 (0.315) 8 (0.315) 8 (0.315)
No. of Pieces No. of Pieces per 13 " reel per tube 3,500 3,500 3,500 3,500 3,500 3,500 98 56 49 98 56 49
How To Order
2 QSP 20 - T J 3 - 221331 __
Product Class Thin-Film-on-Silicon Standard Package Style QSP = QSOP NBS = Narrow-Body SOIC Pin Count QSP = 16, 20, 24, 28 NBS = 8, 14, 16 Dispensing R = Reel T = Tube Standard Grade Tolerance J= 5 % G= 2 % F= 1 % Circuit 3 = Dual Terminator Resistance Value Code 1st three digits specify R1 resistance code. Last three digits specify R2 resistance code.
Terminations * LF = 100 % Sn (lead free) * Blank = Sn/Pb
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
04/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2QSP16-RJ3-221331LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X